công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2M27C6SC bảng dữ liệu(PDF) 15 Page - Intel Corporation

tên linh kiện 5CEBA2M27C6SC
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2M27C6SC bảng dữ liệu(HTML) 15 Page - Intel Corporation

Back Button 5CEBA2M27C6SC Datasheet HTML 11Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 12Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 13Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 14Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 15Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 16Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 17Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 18Page - Intel Corporation 5CEBA2M27C6SC Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Resource
Member Code
C2
C4
C5
C6
HPS PLL
3
3
3
3
3 Gbps Transceiver
6
6
9
9
FPGA GPIO (8)
145
145
288
288
HPS I/O
181
181
181
181
LVDS
Transmitter
32
32
72
72
Receiver
37
37
72
72
PCIe Hard IP Block
2
2
2 (9)
2 (9)
FPGA Hard Memory Controller
1
1
1
1
HPS Hard Memory Controller
1
1
1
1
Arm Cortex-A9 MPCore Processor
Dual-core
Dual-core
Dual-core
Dual-core
Related Information
True LVDS Buffers in Devices, I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 13.
Package Plan for Cyclone V SX Devices
The HPS I/O counts are the number of I/Os in the HPS and does not correlate with the number of HPS-specific
I/O pins in the FPGA. Each HPS-specific pin in the FPGA may be mapped to several HPS I/Os.
Member Code
U672
(23 mm)
F896
(31 mm)
FPGA GPIO
HPS I/O
XCVR
FPGA GPIO
HPS I/O
XCVR
C2
145
181
6
—
—
—
C4
145
181
6
—
—
—
C5
145
181
6
288
181
9
C6
145
181
6
288
181
9
Cyclone V ST
This section provides the available options, maximum resource counts, and package
plan for the Cyclone V ST devices.
The information in this section is correct at the time of publication. For the latest
information and to get more details, refer to the Product Selector Guide.
(8) The number of GPIOs does not include transceiver I/Os. In the Intel Quartus Prime software,
the number of user I/Os includes transceiver I/Os.
(9) 1 PCIe Hard IP Block in U672 package.
Cyclone V Device Overview
683694 | 2018.05.07
Send Feedback
Cyclone V Device Overview
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com