| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SIM800L bảng dữ liệu(PDF) 50 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800L bảng dữ liệu(HTML) 50 Page - SIMCom |
|
50 / 73 page ![]() Smart Machine Smart Decision 4.15.1. NETLIGHT Multiplexing Function Table 35: NETLIGHT multiplexing function Pin name Pin number Mode 0(default) Mode 1 NETLIGHT 64 NETLIGHT GPIO17 Note: Multiplexing function need different software supply. 4.16. Operating Status Indication The pin4 is for operating status indication of the module. The pin output is high when module is powered on, and output is low when module is powered down. Table 36: Pin definition of the STATUS Pin name Pin number Description STATUS 4 Operating status indication Note: For timing about STATUS, please reference to the chapter “4.2 power on/down scenarios” 4.16.1. STATUS Multiplexing Function Table 37: STATUS multiplexing function Pin name Pin number Mode 0(default) Mode 1 STATUS 4 STATUS GPIO4 Note: Multiplexing function need different software supply. 4.17. LED Interface SIM800H&SIM800L provides two LED driver pin. The two pin are open-drain output. Table 38: Pin definition of the LED Pin name Pin number Description ISINK0 47 Sink current for LCM module ISINK1 46 Sink current for keypad LED Reference circuit is recommended in the following figure: SIM800H&SIM800L_Hardware Design_V2.02 50 2015-07-27 |