| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATS673 bảng dữ liệu(PDF) 18 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
ATS673 bảng dữ liệu(HTML) 18 Page - Allegro MicroSystems |
|
18 / 19 page ![]() Self-Calibrating TPOS Gear Tooth Sensor Optimized for Automotive Cam Sensing Applications ATS673 and ATS674 18 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Package SE, 4-Pin SIP 1.27 .050 1.08 .043 10 .394 7 .276 0.38 .015 6.2 .244 20.95 .825 11.6 .457 4.9 .193 3.3 .130 1.3 .051 2 .079 0.6 .240 24 3 1 A A A B C C D D B Dambar removal protrusion (16X) Metallic protrusion, electrically connected to pin 4 and substrate (both sides) Active Area Depth, 0.43 mm [.017] Thermoplastic Molded Lead Bar for alignment during shipment E Hall element (not to scale) Preliminary dimensions, for reference only Untoleranced dimensions are nominal. Dimensions in millimeters U.S. Customary dimensions (in.) in brackets, for reference only Dimensions exclusive of mold flash, burrs, and dambar protrusions Exact case and lead configuration at supplier discretion within limits shown E |