công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

5CEBA2F23C7ES bảng dữ liệu(PDF) 26 Page - Intel Corporation

tên linh kiện 5CEBA2F23C7ES
Giải thích chi tiết về linh kiện  Cyclone V Device Overview
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

5CEBA2F23C7ES bảng dữ liệu(HTML) 26 Page - Intel Corporation

Back Button 5CEBA2F23C7ES Datasheet HTML 22Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 23Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 24Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 25Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 26Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 27Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 28Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 29Page - Intel Corporation 5CEBA2F23C7ES Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
Figure 10.
Device Chip Overview for Cyclone V GX and GT Devices
The figure shows a Cyclone V FPGA with transceivers. Different Cyclone V devices may have a different
floorplans than the one shown here.
I/O, LVDS, and Memory Interface
I/O, LVDS, and Memory Interface
Hard Memory Controller
Hard Memory Controller
Core Logic Fabric and MLABs
Variable-Precision DSP Blocks
M10K Internal Memory Blocks
Transceiver
PMA
Transceiver
PMA
Transceiver
PMA
Hard
PCS
Hard
PCS
Hard
PCS
Transceiver
Individual Channels
PMA Features
To prevent core and I/O noise from coupling into the transceivers, the PMA block is
isolated from the rest of the chip—ensuring optimal signal integrity. For the
transceivers, you can use the channel PLL of an unused receiver PMA as an additional
transmit PLL.
Table 22.
PMA Features of the Transceivers in Cyclone V Devices
Features
Capability
Backplane support
Driving capability up to 6.144 Gbps
PLL-based clock recovery
Superior jitter tolerance
Programmable deserialization and word
alignment
Flexible deserialization width and configurable word alignment pattern
Equalization and pre-emphasis
• Up to 14.37 dB of pre-emphasis and up to 4.7 dB of equalization
• No decision feedback equalizer (DFE)
Ring oscillator transmit PLLs
614 Mbps to 6.144 Gbps
Input reference clock range
20 MHz to 400 MHz
Transceiver dynamic reconfiguration
Allows the reconfiguration of a single channel without affecting the operation of
other channels
Cyclone V Device Overview
683694 | 2018.05.07
Cyclone V Device Overview
Send Feedback
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com