| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CAT3616 bảng dữ liệu(PDF) 13 Page - Catalyst Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT3616 bảng dữ liệu(HTML) 13 Page - Catalyst Semiconductor |
|
13 / 14 page ![]() © 2006 Catalyst Semiconductor, Inc. 13 Doc. No. 5018 Rev. A Characteristics subject to change without notice EXAMPLE OF ORDERING INFORMATION Notes: (1) All packages are RoHS-compliant (Lead-free, Halogen-free). (2) The standard lead finish is Matte-Tin. (3) The device used in the above example is a CAT3616HV4-T2 (TQFN, Tape & Reel). (4) For additional package and temperature options, please contact your nearest Catalyst Semiconductor Sales office. Prefix Device # Suffix Product Number 3616 Package HV4: TQFN Company ID T: Tape & Reel 2: 2000/Reel 3616 HV4 – CAT T2 CAT3616 |