| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
97-520 bảng dữ liệu(PDF) 2 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-520 bảng dữ liệu(HTML) 2 Page - Laird Tech Smart Technology |
|
2 / 64 page ![]() BERYLLIUM COPPER SOLUTIONS AND BEYOND. Large-volume requirements are readily met by our high-speed Bruderer punch presses. Large bed presses enable Laird Technologies to process a wide variety of material types and thicknesses to broaden our metals capability and offer customized solutions from shielding, grounding or non-EMI applications. Heat-treating, critical to imparting the specific mechanical qualities to the spring materials, is computer-controlled. All heat treated batches are also quality tested for hardness and specifications. Photo-chemical machining produces extremely intricate and complex parts to precise specifications and provides a cost- effective alternative to tooling. Multi-slide machines offer economical production options. From design to totally automated assembly, Laird Technologies offers complete control of your assembled product. Our precision plating departments support and strictly comply with environmental, health and safety standards while offering a wide variety of plating finishes. This environment-friendly, aqueous degreasing unit for removing stamping oils cleans with a mild alkaline solution—eliminating the need for chlorinated solvents. Beryllium copper has remarkable stability, superior tensile strength, impressive thermal and electrical conductivity, and high shielding attenuation values. Which is why Laird Technologies ® offers over 250 different configurations of beryllium copper shielding. Beyond beryllium copper, we also offer shielding and custom-engineered stampings in stainless steel, brass, phosphor bronze and other special alloys. LT-3034 Metals_catalog 10/8/04 10:29 AM Page 2 |