công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC2400-RTR1 bảng dữ liệu(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC2400-RTR1
Giải thích chi tiết về linh kiện  2.4 GHz Low-Power RF Transceiver
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

CC2400-RTR1 bảng dữ liệu(HTML) 56 Page - Texas Instruments

Back Button CC2400-RTR1 Datasheet HTML 52Page - Texas Instruments CC2400-RTR1 Datasheet HTML 53Page - Texas Instruments CC2400-RTR1 Datasheet HTML 54Page - Texas Instruments CC2400-RTR1 Datasheet HTML 55Page - Texas Instruments CC2400-RTR1 Datasheet HTML 56Page - Texas Instruments CC2400-RTR1 Datasheet HTML 57Page - Texas Instruments CC2400-RTR1 Datasheet HTML 58Page - Texas Instruments CC2400-RTR1 Datasheet HTML 59Page - Texas Instruments CC2400-RTR1 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 83 page
background image
CC2400
SWRS042A
Page 56 of 83
47 PCB Layout Recommendations
A four layer PCB is highly recommended.
The second layer of the PCB should be
the “ground-layer”.
The top layer should be used for signal
routing, and the open areas should be
filled with metallization connected to
ground using several vias.
The area under the chip is used for
grounding and must be connected closely
to the ground plane with several vias.
The ground pins should be connected to
ground as close as possible to the
package pin using individual vias. The de-
coupling capacitors should also be placed
as close as possible to the supply pins
and connected to the ground plane by
separate vias. Supply power filtering is
very important.
The external components should be as
small as possible (0402 is recommended)
and surface mount devices must be used.
Please note that components smaller than
those
specified
may
have
differing
characteristics.
Caution should be used when placing the
microcontroller
in
order
to
avoid
interference with the RF circuitry.
A Development Kit with a fully assembled
Evaluation Module is available. It is
strongly advised that this reference layout
is followed very closely in order to achieve
the best performance.
The schematic, BOM and layout Gerber
files for the reference designs are all
available from the Chipcon website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83