| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
97-252 bảng dữ liệu(PDF) 37 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
97-252 bảng dữ liệu(HTML) 37 Page - Laird Tech Smart Technology |
|
37 / 64 page ![]() FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS CUSTOM STAMPING—MODIFICATIONS TO STANDARD GASKETS 2.24 www.lairdtech.com FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS CUSTOM STAMPING—CUSTOM SHIELDING Laird Technologies’ extensive product line solves hundreds of EMC problems. But each customer problem is unique. One of our standard products may not precisely meet your needs. Often a modest modification in one of our existing products will solve your problem quickly, effectively and economically. Consider these modification possibilities: • Special finishes • Substitution of an alloy with differing properties • Special lengths or coils • Adjustment in base thicknesses • Addition of bends, slots, holes • Changes in width of mounting surfaces • Removal of fingers Let one of our application engineers show you a full range of modified standard possibilities. Laird Technologies’ experts combine half a century of EMC experience with state-of-the-art CAD capabilities to help you determine the optimum design for your application. Chances are we have solutions to problems you may not yet have encountered. PROTOTYPING Maximum flexibility and minimum tooling make our prototyping fast and economical. There is an entire fabricating operation dedicated to short runs. Our in-house design, plating and heat-treating also keepyour costs down. PRODUCTION From CAD/CAM technologies through EMC testing, Laird Technologies offers the complete in-house capabilities expected from the leading worldwide shielding supplier. Whether your next custom shielding requirement calls for five parts or 5 million, Laird Technologies will be on time and on budget. LT-3034 Metals_catalog 10/8/04 10:31 AM Page 2.24 |