| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
77-059 bảng dữ liệu(PDF) 16 Page - Laird Tech Smart Technology |
|
|
|||||||||||||||||||||||||||||
77-059 bảng dữ liệu(HTML) 16 Page - Laird Tech Smart Technology |
|
16 / 64 page ![]() FINGERSTOCK GASKETS AND METAL GROUNDING PRODUCTS DUAL SLOT SERIES 2.3 www.lairdtech.com All dimensions shown are in inches (millimeters) unless otherwise specified. Dual slot mount parts are available for a variety of slotted applications. The dual slot feature optimizes the compression force and provides a good operating range. This product is ideal for both shielding and grounding applications. The bi-directional wiping and compression action accommodates a wide variety of designs. Ideal for use in the grounding and shielding of front panel handles, sub rack assemblies, plug-in units, back planes and other electronic enclosure applications. SERIES A B C D E H M N O P Q LENGTH # OF PITCH SLOT APPROX. FING. 77-075 0.325 0.100 0.003 0.187 0.018 0.085 0.110 0.090 0.260 0.040 0.020 16.000 86 (8.255) (2.54) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) — 77-093 0.325 0.140 0.003 0.187 0.018 0.085 0.110 0.090 0.260 0.040 0.020 16.000 86 (8.255) (3.556) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) — 77-110 0.325 0.125 0.003 0.187 0.018 0.085 0.110 0.090 0.260 0.040 0.020 16.000 86 (8.255) (3.175) (0.076) (4.750) (0.457) (2.159) (2.794) (2.286) (6.604) (1.016) (0.508) (406.400) — DUAL SLOT SERIES DIMENSIONS TOP VIEW RIGHT VIEW B A M C H 2X Q Approx. Length D E Part No. 77-075, 77-093, 77-110 LT-3034 Metals_catalog 10/8/04 10:30 AM Page 2.3 |