| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LD1117AL-36-TA3-B-R bảng dữ liệu(PDF) 11 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LD1117AL-36-TA3-B-R bảng dữ liệu(HTML) 11 Page - Unisonic Technologies |
|
11 / 12 page ![]() LD1117/A LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 11 of 12 www.unisonic.com.tw QW-R102-006,Q APPLICATION NOTE of LD1117/A ADJUSTABLE The LD1117/A ADJUSTABLE has a reference voltage of between the OUT and ADJ pins. IADJ is 60μA typ. (120 μA max.) and ΔIADJ is 1μA typ. (5μA max.). R1 is normally fixed to 120 Ω. From figure 4 we obtain: VOUT=VREF+R2(IADJ + IR1)=VREF + R2(IADJ + VREF / R1)=VREF(1+R2/R1) + R2 x IADJ. Usually R2 value is in the range of few KΩ, so the R2 X IADJ product could be neglected; then the above expression becomes: VOUT=VREF(1+R2/R1) For better load regulation, realize a good Kelvin connection of R1 and R2 is important. Particularly R1 connection must be realized very close to OUT and ADJ pin, while R2 ground connection must be placed as near as possible to the negative Load pin. Ripple rejection can be improved by introducing a 10 μF electrolytic capacitor placed in parallel to the R2 resistor (See Fig. 5) IN OUT ADJ UTC LD1117/A + + 10μF 10μF R1 120Ω VIN VOUT VREF R2 FIG.4 Adjustable Output Voltage Application Circuit FIG.5 Adjustable Output Voltage Application with improved Ripple Rejection. |