| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32F405IGH6TR bảng dữ liệu(PDF) 71 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F405IGH6TR bảng dữ liệu(HTML) 71 Page - STMicroelectronics |
|
71 / 203 page ![]() DS8626 Rev 9 71/203 STM32F405xx, STM32F407xx Memory mapping 4 Memory mapping The memory map is shown in Figure 18. Figure 18. STM32F40xxx memory map 512-Mbyte block 7 Cortex-M4's internal peripherals 512-Mbyte block 6 Not used 512-Mbyte block 5 FSMC registers 512-Mbyte block 4 FSMC bank 3 & bank4 512-Mbyte block 3 FSMC bank1 & bank2 512-Mbyte block 2 Peripherals 512-Mbyte block 1 SRAM 0x0000 0000 0x1FFF FFFF 0x2000 0000 0x3FFF FFFF 0x4000 0000 0x5FFF FFFF 0x6000 0000 0x7FFF FFFF 0x8000 0000 0x9FFF FFFF 0xA000 0000 0xBFFF FFFF 0xC000 0000 0xDFFF FFFF 0xE000 0000 0xFFFF FFFF 512-Mbyte block 0 Code Flash 0x0810 0000 - 0x0FFF FFFF 0x1FFF 0000 - 0x1FFF 7A0F 0x1FFF C000 - 0x1FFF C007 0x0800 0000 - 0x080F FFFF 0x0010 0000 - 0x07FF FFFF 0x0000 0000 - 0x000F FFFF System memory + OTP Reserved Reserved Aliased to Flash, system memory or SRAM depending on the BOOT pins SRAM (16 KB aliased by bit-banding) Reserved 0x2000 0000 - 0x2001 BFFF 0x2001 C000 - 0x2001 FFFF 0x2002 0000 - 0x3FFF FFFF 0x4000 0000 Reserved 0x4000 7FFF 0x4000 7800 - 0x4000 FFFF 0x4001 0000 0x4001 57FF 0x4002 000 Reserved 0x5006 0C00 - 0x5FFF FFFF 0x6000 0000 AHB3 0xA000 0FFF 0xA000 1000 - 0xDFFF FFFF ai18513f Option Bytes Reserved 0x4001 5800 - 0x4001 FFFF 0x5006 0BFF AHB2 0x5000 0000 0x4008 0000 - 0x4FFF FFFF Reserved AHB1 SRAM (112 KB aliased by bit-banding) Reserved 0x1FFF C008 - 0x1FFF FFFF 0x1FFF 7A10 - 0x1FFF 7FFF Reserved CCM data RAM (64 KB data SRAM) 0x1000 0000 - 0x1000 FFFF Reserved 0x1001 0000 - 0x1FFE FFFF Reserved APB2 0x4007 FFFF APB1 CORTEX-M4 internal peripherals 0xE000 0000 - 0xE00F FFFF Reserved 0xE010 0000 - 0xFFFF FFFF |