| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TSM102AIPWR bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TSM102AIPWR bảng dữ liệu(HTML) 4 Page - Texas Instruments |
|
4 / 12 page ![]() www.ti.com Comparator Electrical Characteristics TSM102 ,, TSM102A DUAL OPERATIONAL AMPLIFIER, DUAL COMPARATOR, AND VOLTAGE REFERENCE SLVS602 – MARCH 2006 V CC+ = 5 V, VCC– = GND (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT 25 °C 5 VIO Input offset voltage mV Full range 9 Comparator differential VID Full range VCC+ V input voltage 25 °C 50 IIO Input offset current nA Full range 150 25 °C 250 IIB Input bias current nA Full range 400 25 °C 0.1 nA IOH High-level output current VID = 1 V, VCC = VO = 30 V Full range 1 µA 25 °C 250 400 VOL Low-level output voltage VID = –1 V, Isink = 4 mA mV Full range 700 VCC+ = 15 V, R1 = 15 kΩ, AVD Large-signal voltage gain 25 °C 200 V/mV VO = 1 V to 11 V Isink Output sink current VO = 1.5 V, VID = –1 V 25 °C 6 16 mA 25 °C 0 VCC+ – 1.5 Input common-mode VICM V voltage range Full range 0 VCC+ – 2 tRESP Response time(1) R1 = 5.1 k Ω to V CC+, VREF = 1.4 V 25 °C 1.3 µs R1 = 5.1 k Ω to V CC+, VREF = 1.4 V, tRESP,large Large-signal response time 25 °C 300 ns VI = TTL (1) The response-time specification is for 100-mV input step with 5-mV overdrive. For larger overdrive signals, 300 ns can be obtained. 4 Submit Documentation Feedback |