| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PTH03010WAST bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
PTH03010WAST bảng dữ liệu(HTML) 9 Page - Texas Instruments |
|
9 / 18 page ![]() Application Notes For technical support and further information visit http://power.ti.com PTH Series of Wide-Output Adjust Power Modules (3.3/5-V Input) Output On/Off Inhibit For applications requiring output voltage on/off control, each series of the PTH family incorporates an output Inhibit control pin. The inhibit feature can be used wher- ever there is a requirement for the output voltage from the regulator to be turned off. Vo (2V/Div) Iin (2A/Div) Q1Vds (5V/Div) HORIZ SCALE: 10ms/Div PTH05020W V IN 1 10 4 5 6 2 3 L O A D C IN 1,000 µF C OUT 330 µF 1 =Inhibit GND GND V OUT 9 V o Sense 8 Q 1 BSS138 R SET 7 From the moment a valid input voltage is applied, the soft-start control introduces a short time delay (typically 5 ms-10 ms) before allowing the output voltage to rise. The output then progressively rises to the module’s set- point voltage. Figure 3-2 shows the soft-start power-up characteristic of the 22-A output product (PTH05020W), operating from a 5-V input bus and configured for a 3.3-V output. The waveforms were measured with a 5-A resistive load, with Auto-Track disabled. The initial rise in input current when the input voltage first starts to rise is the charge current drawn by the input capacitors. Power-up is complete within 15 ms. Over-Current Protection For protection against load faults, all modules incorporate output over-current protection. Applying a load that exceeds the regulator’s over-current threshold will cause the regulated output to shut down. Following shutdown a module will periodically attempt to recover by initiating a soft-start power-up. This is described as a “hiccup” mode of operation, whereby the module continues in a cycle of successive shutdown and power up until the load fault is removed. During this period, the average current flowing into the fault is significantly reduced. Once the fault is removed, the module automatically recovers and returns to normal operation. Over-Temperature Protection The PTHxx020 and PTHxx030 series of products have over-temperature protection. These products have an on-board temperature sensor that protects the module’s internal circuitry against excessively high temperatures. A rise in the internal temperature may be the result of a drop in airflow, or a high ambient temperature. If the internal temperature exceeds the OTP threshold, the module’s Inhibit control is automatically pulled low. This turns the output off. The output voltage will drop as the external output capacitors are discharged by the load circuit. The recovery is automatic, and begins with a soft-start power up. It occurs when the the sensed tem- perature decreases by about 10 °C below the trip point. Note: The over-temperature protection is a last resort mecha- nism to prevent thermal stress to the regulator. Operation at or close to the thermal shutdown temperature is not recom- mended and will reduce the long-term reliability of the module. Always operate the regulator within the specified Safe Operating Area (SOA) limits for the worst-case conditions of ambient temperature and airflow. Turning Q1 on applies a low voltage to the Inhibit control and disables the output of the module. If Q1 is then turned off, the module will execute a soft-start power-up. A regulated output voltage is produced within 20 msec. Figure 3-4 shows the typical rise in both the output volt- age and input current, following the turn-off of Q1. The turn off of Q1 corresponds to the rise in the waveform, Q1 Vds. The waveforms were measured with a 5-A load. Figure 3–4 The power modules function normally when the Inhibit pin is left open-circuit, providing a regulated output whenever a valid source voltage is connected to Vin with respect to GND. Figure 3-3 shows the typical application of the inhibit function. Note the discrete transistor (Q1). The Inhibit control has its own internal pull-up to Vin potential. The input is not compatible with TTL logic devices. An open- collector (or open-drain) discrete transistor is recommended for control. Figure 3–3 |