| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP2950-25-D08-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LP2950-25-D08-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 7 page ![]() LP2950/2951 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 7 www.unisonic.com.tw QW-R102-001,J PIN CONFIGURATIONS 2 1 3 OUTPUT GND INPUT UTC LP2950 TO-92 Plastic Package Bottom View 1 2 3 4 8 7 6 5 INPUT FEEDBACK 5V TAP SHUTDOWN SENSE OUTPUT UTC LP2951 GND ERROR SOP-8 OR DIP-8 PACKAGE FOR UTC LP2951 1 2 3 4 8 7 6 5 INPUT NC NC SHUTDOWN NC OUTPUT UTC LP2950 GND ERROR SOP-8 OR DIP-8 PACKAGE FOR UTC LP2950 BLOCK DIAGRAM 5 4 6 2 1 8 7 3 60mV 330KΩ TO CMOS OR TTL 5V 150mA MAX. FEEDBACK INPUT OUTPUT SENSE 5V TAP GND ERROR DETECTION COMPARATOR ERROR AMPLIFIER FROM CMOS OR TTL 1.23 REF SHUT DOWN UNREGULATED DC ERROR 182kΩ 60kΩ 1.5 μF FOR UTC LP2951 |