| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD136 bảng dữ liệu(PDF) 1 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
BD136 bảng dữ liệu(HTML) 1 Page - Unisonic Technologies |
|
1 / 2 page ![]() UTC BD136/138/140 PNP EPITAXIAL SILICON TRANSISTOR UTC UNISONIC TECHNOLOGIES CO. LTD 1 QW-R204-013,B PNP SILICON TRANSISTOR DESCRIPTION The UTC BD136/BD138/BD140 are silicon epitaxial planer PNP transistor ,designed for use as audio amplifiers and drivers utilizing complementary or quasi complementary circuits. The complementary NPN types are the BD135/BD137/ BD139. TO-126 1 1:EMITTER 2:COLLECTOR 3:BASE ABSOLUTE MAXIMUM RATINGS PARAMETER SYMBOL RATING UNIT Collector-Base Voltage BD136 BD138 BD140 VCBO -45 -60 -80 V Collector-Emitter Voltage BD136 BD138 BD140 VCEO -45 -60 -80 V Emitter-Base Voltage VEBO -5 V Collector Current Ic -1.5 V Collector Peak Current IcM -3 A Base Current IB -0.5 A 12.5 W Total Dissipation (Tc≦25 °C) (Ta≦25 °C) Ptot 1.25 W Storage Temperature Tstg -65 ~ 150 °C Operating Junction Temperature Tj 150 °C THERMAL CHARACTERISTICS PARAMETER SYMBOL MAX UNIT Thermal Resistance, Junction-case θjc 10 °C/W Thermal Resistance, Junction-ambient θjA 100 °C/W |
Số phần tương tự - BD136 |
|
Mô tả tương tự - BD136 |