công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

81N31-H-AB3-I-R bảng dữ liệu(PDF) 15 Page - Unisonic Technologies

tên linh kiện 81N31-H-AB3-I-R
Giải thích chi tiết về linh kiện  VOLTAGE DETECTORS WITH BUILT-IN DELAY TIME
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UTC [Unisonic Technologies]
Trang chủ  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

81N31-H-AB3-I-R bảng dữ liệu(HTML) 15 Page - Unisonic Technologies

Back Button 81N31-H-AB3-I-R Datasheet HTML 7Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 8Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 9Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 10Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 11Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 12Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 13Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 14Page - Unisonic Technologies 81N31-H-AB3-I-R Datasheet HTML 15Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
81CXXX/81NXXX
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
15 of 15
www.unisonic.com.tw
QW-R502-039,I
TYPICAL PERFORMANCE CHARACTERISTICS(Cont.)
0.5
1.5
50
2.0
1.0
2.5
0
60
40
30
0.0
20
10
Ta=25℃
3.0
3.5
2.0V
1.5V
0.2
0.6
1200
0.8
0.4
1.0
0
1400
1000
800
0.0
600
200
Ta=25℃
V IN=0.8V
0.7V
81N35
81N35
VDS (V)
2.5V
VIN=3.0V
VDS (V)
400
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15