công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC55S3X bảng dữ liệu(PDF) 21 Page - NXP Semiconductors

tên linh kiện LPC55S3X
Giải thích chi tiết về linh kiện  32-bit Arm Cortex®-M33, TrustZone, ELS, PRINCE, PKC, 128 KB SRAM
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S3X bảng dữ liệu(HTML) 21 Page - NXP Semiconductors

Back Button LPC55S3X Datasheet HTML 17Page - NXP Semiconductors LPC55S3X Datasheet HTML 18Page - NXP Semiconductors LPC55S3X Datasheet HTML 19Page - NXP Semiconductors LPC55S3X Datasheet HTML 20Page - NXP Semiconductors LPC55S3X Datasheet HTML 21Page - NXP Semiconductors LPC55S3X Datasheet HTML 22Page - NXP Semiconductors LPC55S3X Datasheet HTML 23Page - NXP Semiconductors LPC55S3X Datasheet HTML 24Page - NXP Semiconductors LPC55S3X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 164 page
background image
LPC55S3x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors B.V. 2023. All rights reserved.
Product data sheet
Rev. 3
.2 — 22 September 2023
21 of 161
NXP Semiconductors
LPC55S3x
32-bit ARM Cortex-M33 microcontroller
I2
UTICK_CAP2 — Micro-tick timer capture input 2.
I3
CTIMER_INP16 — Capture input to CTIMER input
multiplexers.
O4
SCT0_OUT2 — SCTimer/PWM output 2.
5
R — Reserved.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
I/O
10 SEC_PIO0_15 — Secure GPIO pin.
11 R — Reserved.
12 R — Reserved.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO0_16/
ADC0IN3B
20 10
Z
I/O; AI 0
PIO0_16/ADC0IN3B — ADC0 - Analog input channel
3B. Can optionally be paired with CH3A for
differential input on ADC0 channel 3.
I/O
1
FC4_TXD_SCL_MISO_WS — Flexcomm 4: USART
transmitter, I2C clock, SPI master-in/slave-out data
I/O, I2S word-select/frame.
O2
CLKOUT — Output of the CLKOUT function.
I3
CTIMER_INP4 — Capture input to CTIMER input
multiplexers.
4
R — Reserved.
5
R — Reserved.
6
R — Reserved.
7
R — Reserved.
8
R — Reserved.
9
R — Reserved.
I/O
10 SEC_PIO0_16 — Secure GPIO pin.
11 R — Reserved.
O12 AOI0_OUT3 — AND/OR/INVERT 0 Logic Output 3.
13 R — Reserved.
14 R — Reserved.
15 R — Reserved.
PIO0_17/
HSCMP2_IN0
41 19
Z
I/O
0
PIO0_17/HSCMP2_IN0 — General-purpose digital
input/output pin. High-Speed Comparator 2, input 0.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More