công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T80M6F bảng dữ liệu(PDF) 10 Page - STMicroelectronics

tên linh kiện M41T80M6F
Giải thích chi tiết về linh kiện  Serial access Real Time Clock with alarm
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T80M6F bảng dữ liệu(HTML) 10 Page - STMicroelectronics

Back Button M41T80M6F Datasheet HTML 6Page - STMicroelectronics M41T80M6F Datasheet HTML 7Page - STMicroelectronics M41T80M6F Datasheet HTML 8Page - STMicroelectronics M41T80M6F Datasheet HTML 9Page - STMicroelectronics M41T80M6F Datasheet HTML 10Page - STMicroelectronics M41T80M6F Datasheet HTML 11Page - STMicroelectronics M41T80M6F Datasheet HTML 12Page - STMicroelectronics M41T80M6F Datasheet HTML 13Page - STMicroelectronics M41T80M6F Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Operation
M41T80
10/25
2.2
READ mode
In this mode the master reads the M41T80 slave after setting the slave address (Figure 8:
READ mode sequence). Following the WRITE Mode Control Bit (R/W=0) and the
Acknowledge Bit, the word address 'An' is written to the on-chip address pointer. Next the
START condition and slave address are repeated followed by the READ Mode Control Bit
(R/W=1). At this point the master transmitter becomes the master receiver. The data byte
which was addressed will be transmitted and the master receiver will send an Acknowledge
Bit to the slave transmitter. The address pointer is only incremented on reception of an
Acknowledge Clock. The M41T80 slave transmitter will now place the data byte at address
An+1 on the bus, the master receiver reads and acknowledges the new byte and the
address pointer is incremented to “An+2.”
This cycle of reading consecutive addresses will continue until the master receiver sends a
STOP condition to the slave transmitter.
The system-to-user transfer of clock data will be halted whenever the address being read is
a clock address (00h to 07h). The update will resume due to a Stop Condition or when the
pointer increments to any non-clock address (08h-13h).
Note:
This is true both in READ Mode and WRITE Mode.
An alternate READ Mode may also be implemented whereby the master reads the M41T80
slave without first writing to the (volatile) address pointer. The first address that is read is the
last one stored in the pointer (see Figure 9: Alternative READ mode sequence).
Table 2.
AC characteristics
Sym
Parameter(1)
1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 2.0 to 5.5V (except where
noted).
Min
Typ
Max
Units
fSCL
SCL clock frequency
0
400
kHz
tLOW
Clock low period
1.3
µs
tHIGH
Clock high period
600
ns
tR
SDA and SCL rise time
300
ns
tF
SDA and SCL fall time
300
ns
tHD:STA
START condition hold time
(after this period the first clock pulse is generated)
600
ns
tSU:STA
START condition setup time
(only relevant for a repeated start condition)
600
ns
tSU:DAT
(2)
2. Transmitter must internally provide a hold time to bridge the undefined region (300ns max) of
the falling edge of SCL.
Data setup time
100
ns
tHD:DAT
Data hold time
0
µs
tSU:STO
STOP condition setup time
600
ns
tBUF
Time the bus must be free before a new
transmission can start
1.3
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com