| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2904WD/WDT bảng dữ liệu(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM2904WD/WDT bảng dữ liệu(HTML) 6 Page - STMicroelectronics |
|
6 / 19 page ![]() Electrical characteristics LM2904W 6/19 3 Electrical characteristics Table 3. VCC + = 5V, V CC - = Ground, V O = 1.4V, Tamb = 25°C (unless otherwise specified) Symbol Parameter Conditions Min. Typ. Max. Unit Vio Input offset voltage (1) Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 27 9 mV Iio Input offset current Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 230 40 nA Iib Input bias current (2) Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 20 150 200 nA Avd Large signal voltage gain VCC + = +15V, R L=2kΩ, Vo = 1.4V to 11.4V Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 50 25 100 V/mV SVR Supply voltage rejection ratio RS ≤10kΩ Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 65 65 100 dB Icc Supply current, all Amp, no load Tamb = 25°C, VCC = +5V Tmin ≤ Tamb ≤ Tmax, VCC = +30V 0.7 1.2 2 mA Vicm Input common mode voltage range VCC= +30V (3) Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 0 0 VCC + -1.5 VCC + -2 V CMR Common-mode rejection ratio RS = 10kΩ Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 70 60 85 dB Isource Output short-circuit current VCC = +15V, Vo = +2V, Vid = +1V 20 40 60 mA Isink Output sink current VO = 2V, VCC = +5V VO = +0.2V, VCC = +15V 10 12 20 50 mA µA VOPP Output voltage swing RL = 2kΩ Tamb = 25°C Tmin ≤ Tamb ≤ Tmax 0 0 VCC + -1.5 VCC + -2 V VOH High level output voltage VCC + 30V Tamb = +25°C, RL = 2kΩ Tmin ≤ Tamb ≤ Tmax Tamb = +25°C, RL = 10kΩ Tmin ≤ Tamb ≤ Tmax 26 26 27 27 27 28 V VOL Low level output voltage RL = 10kΩ Tamb = +25°C Tmin ≤ Tamb ≤ Tmax 520 20 mV SR Slew rate VCC = 15V, Vi = 0.5 to 3V, RL = 2kΩ, CL = 100pF, unity gain Tmin ≤ Tamb ≤ Tmax 0.3 0.2 0.6 V/µs GBP Gain bandwidth product f = 100kHz, VCC = 30V,Vin = 10mV, RL = 2kΩ, CL = 100pF 0.7 1.1 MHz |