công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN54SC4T08MPWTSEP bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SN54SC4T08MPWTSEP
Giải thích chi tiết về linh kiện  SN54SC4T08-SEP Radiation-Tolerant, 1.2-V to 5.5-V, Quadruple 2-Input Positive-AND Gates With Integrated Translation
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN54SC4T08MPWTSEP bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN54SC4T08MPWTSEP Datasheet HTML 1Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 2Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 3Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 4Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 5Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 6Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 7Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 8Page - Texas Instruments SN54SC4T08MPWTSEP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................5
6.4 Thermal Information....................................................5
6.5 Electrical Characteristics.............................................6
6.6 Switching Characteristics............................................6
6.7 Noise Characteristics.................................................. 7
6.8 Typical Characteristics................................................ 8
7 Parameter Measurement Information.......................... 11
8 Detailed Description......................................................12
8.1 Overview................................................................... 12
8.2 Functional Block Diagram......................................... 12
8.3 Feature Description...................................................12
8.4 Device Functional Modes..........................................14
9 Application and Implementation.................................. 15
9.1 Application Information............................................. 15
9.2 Typical Application.................................................... 15
9.3 Power Supply Recommendations.............................17
9.4 Layout....................................................................... 17
10 Device and Documentation Support..........................19
10.1 Documentation Support.......................................... 19
10.2 Receiving Notification of Documentation Updates..19
10.3 Support Resources................................................. 19
10.4 Trademarks.............................................................19
10.5 Electrostatic Discharge Caution..............................19
10.6 Glossary..................................................................19
11 Mechanical, Packaging, and Orderable
Information.................................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision * (May 2023) to Revision A (August 2023)
Page
• Changed the status of the data sheet from: Advanced Information to: Production Data .................................. 1
SN54SC4T08-SEP
SCLS928A – MAY 2023 – REVISED AUGUST 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: SN54SC4T08-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com