| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 62 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 28-Sep-2023 Device Package Type Package Drawing Pins SPQ Length (mm) Width (mm) Height (mm) LM2904AVQDRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904AVQDRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904AVQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904AVQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904AVQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM2904AVQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM2904BAIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM2904BAIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM2904BAIDR SOIC D 8 2500 340.5 336.1 25.0 LM2904BAIPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904BIDDFR SOT-23-THIN DDF 8 3000 210.0 185.0 35.0 LM2904BIDGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM2904BIDR SOIC D 8 2500 340.5 336.1 25.0 LM2904BIPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904DGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM2904DGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM2904DGKR VSSOP DGK 8 2500 358.0 335.0 35.0 LM2904DR SOIC D 8 2500 340.5 336.1 25.0 LM2904DR SOIC D 8 2500 364.0 364.0 27.0 LM2904DR SOIC D 8 2500 340.5 336.1 25.0 LM2904DRG3 SOIC D 8 2500 333.2 345.9 28.6 LM2904DRG3 SOIC D 8 2500 364.0 364.0 27.0 LM2904DRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904DRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904PSR SO PS 8 2000 356.0 356.0 35.0 LM2904PWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904PWR TSSOP PW 8 2000 364.0 364.0 27.0 LM2904PWR-JF TSSOP PW 8 2000 356.0 356.0 35.0 LM2904PWR-JF TSSOP PW 8 2000 364.0 364.0 27.0 LM2904PWRG3 TSSOP PW 8 2000 364.0 364.0 27.0 LM2904PWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM2904PWRG4-JF TSSOP PW 8 2000 356.0 356.0 35.0 LM2904QDR SOIC D 8 2500 350.0 350.0 43.0 LM2904VQDR SOIC D 8 2500 340.5 336.1 25.0 LM2904VQDR SOIC D 8 2500 340.5 336.1 25.0 LM2904VQDRG4 SOIC D 8 2500 340.5 336.1 25.0 LM2904VQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWR TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM2904VQPWRG4 TSSOP PW 8 2000 356.0 356.0 35.0 LM358ADGKR VSSOP DGK 8 2500 366.0 364.0 50.0 LM358ADGKR VSSOP DGK 8 2500 364.0 364.0 27.0 LM358ADR SOIC D 8 2500 340.5 336.1 25.0 Pack Materials-Page 5 |