công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST38VF6402B bảng dữ liệu(PDF) 40 Page - Microchip Technology

tên linh kiện SST38VF6402B
Giải thích chi tiết về linh kiện  64 Mbit (x16) Advanced Multi-Purpose Flash Plus
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST38VF6402B bảng dữ liệu(HTML) 40 Page - Microchip Technology

Back Button SST38VF6402B Datasheet HTML 36Page - Microchip Technology SST38VF6402B Datasheet HTML 37Page - Microchip Technology SST38VF6402B Datasheet HTML 38Page - Microchip Technology SST38VF6402B Datasheet HTML 39Page - Microchip Technology SST38VF6402B Datasheet HTML 40Page - Microchip Technology SST38VF6402B Datasheet HTML 41Page - Microchip Technology SST38VF6402B Datasheet HTML 42Page - Microchip Technology SST38VF6402B Datasheet HTML 43Page - Microchip Technology SST38VF6402B Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
SST38VF6401B / SST38VF6402B / SST38VF6403B / SST38VF6404B
DS20005002D-page 40
Preliminary
 2013 Microchip Technology Inc.
FIGURE 6-23:
SOFTWARE ID/CFI/SEC ID EXIT COMMAND FLOWCHARTS
25002 F26.2
SEC ID Exit
Command Sequence
CFI Exit
Command Sequence
Load data: XXF0H
Address: XXH
Wait TIDA
Load data: XXAAH
Address: 555H
Load data: XX55H
Address: 2AAH
Load data: XX90H
Address: 555H
Load data: XX00H
Address: XXXH
Wait TIDA
Return to normal
operation
Return to normal
operation
Note: X can be VIL or VIH, but no other value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56