| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TIP42C-TN3-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
TIP42C-TN3-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 3 page ![]() TIP42C PNP PLANAR TRANSISTOR UNISONICTECHNOLOGIESCO.,LTD 2 of 3 www.unisonic.com.tw QW-R203-007.B ABSOLUTE MAXIMUM RATING PARAMETER SYMBOL RATINGS UNIT Collector Base Voltage VCBO -100 V Collector to Emitter Voltage VCEO -100 V Emitter-Base Voltage VEBO -5 V Collector Current (DC) IC -6 A Collector Current (Pulse) IC -10 A Base Current IB -2 A TO-220 65 W Collector Dissipation (Tc=25℃) TO-252 PC 20 W Junction Temperature TJ +150 ℃ Storage Temperature TSTG -65 ~ +150 ℃ Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied. ELECTRICAL CHARACTERISTICS (Tc=25℃) PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Collector Emitter Sustaining Voltage (*) BVCEO IC=-30mA, IB=0 -100 V Collector Cutoff Current ICEO VCE=-60V, IB=0 -0.7 mA Collector Cutoff Current ICES VCE=-100V, VEB=0 -400 µA Emitter Cutoff Current IEBO VBE=-5V, IC=0 -1 mA Collector-Emitter Saturation Voltage (*) VCE(SAT) IC=-6A, IB=-600mA -1.5 V Base-Emitter on Voltage (*) VBE(ON) IC=-6A, VCE=-4V -2.0 V DC Current Gain (*) hFE IC=-300mA, VCE=-4V IC=-3A, VCE=-4V 30 15 75 Current Gain Bandwidth Product fT VCE=-10V, IC=-500mA, f=1MHz 3 MHz * Pulse Test: PW≦300 µs, Duty Cycle≦2% |