| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM2937-50-TQ5-R bảng dữ liệu(PDF) 2 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
LM2937-50-TQ5-R bảng dữ liệu(HTML) 2 Page - Unisonic Technologies |
|
2 / 10 page ![]() LM2937 LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 2 of 10 www.unisonic.com.tw QW-R102-012.F ORDERING INFORMATION (Cont.) LM2937L-xx-TA3-R (1)Packing Type (2)Package Type (3)Output Voltage Code (4)Lead Plating (1) R: Tape Reel, T: Tube (2) TA3: TO-220, TQ2: TO-263, TQ3: TO-263-3, TQ 5: TO-263-5 (4) L: Lead Free Plating, Blank: Pb/Sn (3) xx: refer to Marking Information PIN CONFIGURATION PIN NO. TO-263/TO-263-3/TO-220 TO-263-5 PIN NAME 1 4 Input 2 3 GND 3 5 Output - 1 N/C - 2 ON/OFF MARKING INFORMATION PACKAGE VOLTAGE CODE MARKING TO-220 TO-263 TO-263-3 12 3 UTC LM2937 VOLTAGECODE DATE CODE LEAD PLATING TO-263-5 33 :3.3V 50 :5.0V 80 :8.0V 10 :10V 12 :12V 15 :15V 12 3 UTC LM2937 VOLTAGE CODE DATE CODE LEAD PLATING 45 |