| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM339QT bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LM339QT bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 19 page ![]() Package information LM139, LM239, LM339 12/19 DocID2159 Rev 4 6 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. |