công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RHR64K1 bảng dữ liệu(PDF) 1 Page - STMicroelectronics

tên linh kiện RHR64K1
Giải thích chi tiết về linh kiện  Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHR64K1 bảng dữ liệu(HTML) 1 Page - STMicroelectronics

  RHR64K1 Datasheet HTML 1Page - STMicroelectronics RHR64K1 Datasheet HTML 2Page - STMicroelectronics RHR64K1 Datasheet HTML 3Page - STMicroelectronics RHR64K1 Datasheet HTML 4Page - STMicroelectronics RHR64K1 Datasheet HTML 5Page - STMicroelectronics RHR64K1 Datasheet HTML 6Page - STMicroelectronics RHR64K1 Datasheet HTML 7Page - STMicroelectronics RHR64K1 Datasheet HTML 8Page - STMicroelectronics RHR64K1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RHR61, RHR64
Rad-hard, low-power, rail-to-rail CMOS operational amplifiers
Datasheet - production data
Features
•
Single and quad CMOS operational
amplifiers (op amp)
•
Unity gain stable on 100 pF load
•
Very low power supply: 1.5 V to 5.5 V
•
Very low consumption: 60 µA max
•
Low offset voltage: 1 mV max
•
Low input bias: 1 pA
•
Input and output rail-to-rail
•
100 krad TID (high-dose rate)
•
SEL immune at 120 MeV.cm²/mg
•
SET characterized
Description
The RHR61 and RHR64 devices are pure CMOS
single and quad op amps respectively. The
RHR61 is packaged in a flat hermetic 8-lead and
the RHR64 in a flat hermetic 14-lead. Both
devices are guaranteed in radiation and over the
temperature range -55 °C to 125 °C. They are for
general use in any space application.
Table 1: Device summary
Parameter
RHR61K1
RHR64K1
RHR61K01V
RHR64K01V
SMD (1)
—
5962R1620401VXC
5962R1620501VXC
Quality level
Engineering model
QML-V flight model
Package, mass
Flat-8, 0.50 g
Flat-14, 0.70 g
Flat-8, 0.50 g
Flat-14, 0.70 g
EPPL (2)
—
Temp. range
-55 °C to 125 °C
Notes:
(1)SMD: standard microcircuit drawing
(2)EPPL = European preferred part list
October 2017
DocID027171 Rev 3
1/20
This is information on a product in full production.
www.st.com


Số phần tương tự - RHR64K1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
RHR660 FAIRCHILD-RHR660 Datasheet
374Kb / 5P
6A, 600V Hyperfast Diodes
logo
Intersil Corporation
RHR660 INTERSIL-RHR660 Datasheet
71Kb / 4P
6A, 600V Hyperfast Diodes
January 2000
More results

Mô tả tương tự - RHR64K1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Burr-Brown (TI)
OPA349 BURR-BROWN-OPA349 Datasheet
141Kb / 7P
1mA, Rail-to-Rail, CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL70218SRH INTERSIL-ISL70218SRH Datasheet
943Kb / 18P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 17, 2011
logo
Texas Instruments
LMV341-Q1 TI1-LMV341-Q1 Datasheet
680Kb / 24P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
logo
Intersil Corporation
ISL70218SEH INTERSIL-ISL70218SEH Datasheet
1Mb / 20P
Rad Hard Dual 36V Precision Single-Supply, Rail-to-Rail Output, Low-Power Operational Amplifiers
August 24, 2012
ISL70444SEH INTERSIL-ISL70444SEH Datasheet
1Mb / 23P
19MHz Rad Hard 40V Quad Rail-to-Rail Input-Output, Low-Power Operational Amplifiers
June 14, 2013
logo
SG Micro Corp
SGM8655 SGMICRO-SGM8655_15 Datasheet
463Kb / 18P
Rail-to-Rail Output CMOS Operational Amplifiers
logo
Texas Instruments
LMV341-Q1 TI-LMV341-Q1_15 Datasheet
1Mb / 27P
RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS
TLV341 TI1-TLV341 Datasheet
2Mb / 36P
Low-Voltage Rail-to-Rail Output CMOS Operational Amplifiers
OPA342 TI1-OPA342 Datasheet
879Kb / 15P
Low-Cost, Low-Power, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com