| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PDSP16116AMC bảng dữ liệu(PDF) 13 Page - Zarlink Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
PDSP16116AMC bảng dữ liệu(HTML) 13 Page - Zarlink Semiconductor Inc |
|
13 / 18 page ![]() PDSP16116/A/MC 13 The butterfly operation The butterfly operation is the arithmetic operation which is repeated many times to produce an FFT. The PDSP16116A based butterfly processor performs this operation in a low power high accuracy chip set. A new butterfly operation is commenced each cycle, requiring a new set of data for , B, W, WTA and WTB. Five cycles later, the corresponding results A' and B' are produced along with their associated WTOUT. In between, the signals SFTA and SFTR are produced and acted upon by the shifters in the PDSP1601/A and PDSP16318/A. The timing of the data and control signals is shown in Fig.6. The results (A' and B') of each butterfly calculation in a pass must be stored away to be used later as the input data (A and B) in the next pass. Each result must be stored together with its associated word tag, WTOUT. Although WTOUT is common to both A' and B', it must be stored separately with each word as the words are used on different cycles during the next pass. At the inputs, the word tag associated with the A word is known as WTA and the word tag associated with the B word is known as WTB. Hence, the WTOUTs from one pass will become the WTAs and WTBs for the following pass. It should be noted that the first pass is unique in that word tags need not be input into the butterfly as all data initially has the same weighting. Hence, during the first pass alone, the inputs WTA and WTB are ignored. Figure 6 - Butterfly Operation W BB' A A' A' = A + B. W B' = A - B. W Figre 7 Butterfly Data and Control Signals ;;;;; ;;;;; n-2 n-1 n n+1 n+2 n+3 ;;;; ;;;; n n+1 n+2 n+3 n+4 n+5 ;;;; n n+1 n+2 n+3 n+4 n+5 ;;;; n n+1 n+2 n+3 n+4 n+5 ;;;; n-3 n-2 n-1 n n+1 n+2 ;;;; ;;;; n-2 n-1 n-1 n n+1 n+2 ;;;; n-3 n-2 n-1 n n+1 n+2 ;;;;; n-5 n-4 n-3 n-2 n-1 n ;;;;; ;;;;; n-5 n-4 n-3 n-2 n-1 n CLK Present Br, Bi, Wr, Wi to inputs Present WTA, WTB to inputs Present Ar, Ai to inputs Output SFTA Output SFTR Output Pr, Pi Output DAr, DAi Output WTOUT Output A'r, A'i, B'r, B'i |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |