công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ZXMP6A18KTC bảng dữ liệu(PDF) 8 Page - Zetex Semiconductors

tên linh kiện ZXMP6A18KTC
Giải thích chi tiết về linh kiện  60V P-channel enhancement mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ZETEX [Zetex Semiconductors]
Trang chủ  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMP6A18KTC bảng dữ liệu(HTML) 8 Page - Zetex Semiconductors

  ZXMP6A18KTC Datasheet HTML 1Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 2Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 3Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 4Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 5Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 6Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 7Page - Zetex Semiconductors ZXMP6A18KTC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
ZXMP6A18K
Issue 1 - March 2006
8
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - DPAK
Note: Controlling dimensions are in inches. Approximate dimensions are provided in millimeters
DIM
Inches
Millimeters
DIM
Inches
Millimeters
Min
Max
Min
Max
Min
Max
Min
Max
A
0.086
0.094
2.18
2.39
e
0.090 BSC
2.29 BSC
A1
-
0.005
-
0.127
H
0.370
0.410
9.40
10.41
b
0.020
0.035
0.508
0.89
L
0.055
0.070
1.40
1.78
b2
0.030
0.045
0.762
1.14
L1
0.108 REF
2.74 REF
b3
0.205
0.215
5.21
5.46
L2
0.020 BSC
0.508 BSC
c
0.018
0.024
0.457
0.61
L3
0.035
0.065
0.89
1.65
c2
0.018
0.023
0.457
0.584
L4
0.025
0.040
0.635
1.016
D
0.213
0.245
5.41
6.22
L5
0.045
0.060
1.14
1.52
D1
0.205
-
5.21
-
1°
0°
10°
0°
10°
E
0.250
0.265
6.35
6.73
°
0°
15°
0°
15°
E1
0.170
-
4.32
--
--
--



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com