| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2SD2152 bảng dữ liệu(PDF) 1 Page - Nanjing International Group Co |
|
|
|||||||||||||||||||||||||||||
2SD2152 bảng dữ liệu(HTML) 1 Page - Nanjing International Group Co |
|
1 / 4 page ![]() TO – 92 1. EMITTER 2. COLLECTOR 3. BASE 2SD2152 TRANSISTOR (NPN) FEATURES High DC Current Gain Low Saturation Medium Current Application MAXIMUM RATINGS (Ta=25 ℃ unless otherwise noted) Symbol Parameter Value Unit V CBO Collector-Base Voltage 22 V V CEO Collector-Emitter Voltage 22 V V EBO Emitter-Base Voltage 6 V IC Collector Current 3 A P C Collector Power Dissipation 700 mW R θJA Thermal Resistance From Junction To Ambient 178 ℃ /W Operation Junction and Storage Temperature Range ℃ TJ,Tstg -55~+150 ORDERING INFORMATION Part Number Package Packing Method Pack Quantity SD2152 SD21527$ 0$5.,1* Equivalent Circuit ;;; &RGH D2152 'HYLFHFRGH 1 ;;; TO-92 Bulk 1000pcs/Bag TO-92 Tape 2000pcs/Box DONGGUAN NANJING ELECTRONICS LTD., Dongguan Nanjing Electronics Ltd. www.dgnjdz.com 1/4 |
Số phần tương tự - 2SD2152 |
|
Mô tả tương tự - 2SD2152 |