| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ES9822PRO bảng dữ liệu(PDF) 25 Page - ESS Technology,Inc |
|
|
|||||||||||||||||||||||||||||
ES9822PRO bảng dữ liệu(HTML) 25 Page - ESS Technology,Inc |
|
25 / 126 page ![]() 0.3 ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM 25 ES9822 PRO Product Datasheet TDM Slave Clock Rate Configurations All configurations are 32-bit. When using left justified mode (Register 10) remember to enable Reg 33 – sync positive edge of frame to correct for phase differences. MCLK Frequency WS [kHz] BCK [MHz] TDM Mode Chan- nels Register 2 [4:0] SELECT_ADC _NUM value divider 22.579 MHz 44.1 5.645 TDM 128 4 5’d3 4 88.2 11.290 4 5’d1 2 176.4 22.579 4 5’d0 1 44.1 11.290 TDM 256 8 5’d3 4 88.2 22.579 8 5’d1 2 44.1 22.579 TDM 512 16 5’d3 4 24.576 MHz 48 6.144 TDM 128 4 5’d3 4 96 12.288 4 5’d1 2 192 24.576 4 5’d0 1 48 12.288 TDM 256 8 5’d3 4 96 24.576 8 5’d1 2 48 24.576 TDM 512 16 5’d3 4 45.158 MHz 44.1 5.645 TDM 128 4 5’d7 8 88.2 11.290 4 5’d3 4 176.4 22.579 4 5’d1 2 44.1 11.290 TDM 256 8 5’d7 8 88.2 22.579 8 5’d3 4 44.1 22.579 TDM 512 16 5’d7 8 49.152 MHz 48 6.144 TDM 128 4 5’d7 8 96 12.288 4 5’d3 4 192 24.576 4 5’d1 2 48 12.288 TDM 256 8 5’d7 8 96 24.576 8 5’d3 4 48 24.576 TDM 512 16 5’d7 8 Table 8 - TDM Slave Clock Rate Configurations |