công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ES9080Q bảng dữ liệu(PDF) 61 Page - ESS Technology,Inc

tên linh kiện ES9080Q
Giải thích chi tiết về linh kiện  32-bit High-Performance 8-Channel DAC
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ESS [ESS Technology,Inc]
Trang chủ  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9080Q bảng dữ liệu(HTML) 61 Page - ESS Technology,Inc

Back Button ES9080Q Datasheet HTML 57Page - ESS Technology,Inc ES9080Q Datasheet HTML 58Page - ESS Technology,Inc ES9080Q Datasheet HTML 59Page - ESS Technology,Inc ES9080Q Datasheet HTML 60Page - ESS Technology,Inc ES9080Q Datasheet HTML 61Page - ESS Technology,Inc ES9080Q Datasheet HTML 62Page - ESS Technology,Inc ES9080Q Datasheet HTML 63Page - ESS Technology,Inc ES9080Q Datasheet HTML 64Page - ESS Technology,Inc ES9080Q Datasheet HTML 65Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 146 page
background image
CONFIDENTIAL ADVANCE INFORMATION 0.4.3
ESS TECHNOLOGY, INC. 109 Bonaventura Drive, San Jose, CA 95134, USA Tel (408) 643-8800 WWW.ESSTECH.COM
61
ES9080 Product Datasheet
Register 24-23: INTERRUPT MASK N
Bits
[15:8]
[7:6]
[5]
[4]
[3]
[2]
[1]
[0]
Default
8'b00000000
2'b00
1'b0
1'b0
1'b0
1'b0
1'b0
1'b0
Bits
Mnemonic
Description
[15:8]
RESERVED
NA
[7:6]
INPUT_DATA_TYPE_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative
[5]
TDM_DATA_VALID_FLAG_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative
[4]
CLK_AVALID_FLAG_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative
[3]
RWS_REFERENCE_COUNTER_FULL_FLAG_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative
[2]
BCK_WS_FAILED_FLAG_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative
[1]
RESERVED
NA
[0]
DOP_VALID_MASKN
Masks positive to negative interrupt toggling.
•
1'b0: Ignore interrupt if toggled from positive to
negative
•
1'b1: Service interrupt if toggled from positive to
negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com