công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN65MLVD047D bảng dữ liệu(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN65MLVD047D
Giải thích chi tiết về linh kiện  MULTIPOINT-LVDS QUAD DIFFERENTIAL LINE DRIVER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD047D bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SN65MLVD047D Datasheet HTML 9Page - Texas Instruments SN65MLVD047D Datasheet HTML 10Page - Texas Instruments SN65MLVD047D Datasheet HTML 11Page - Texas Instruments SN65MLVD047D Datasheet HTML 12Page - Texas Instruments SN65MLVD047D Datasheet HTML 13Page - Texas Instruments SN65MLVD047D Datasheet HTML 14Page - Texas Instruments SN65MLVD047D Datasheet HTML 15Page - Texas Instruments SN65MLVD047D Datasheet HTML 16Page - Texas Instruments SN65MLVD047D Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
www.ti.com
SN65MLVD047
SLLS606A – MARCH 2004 – REVISED JULY 2005
APPLICATION INFORMATION (continued)
Note:
Channel 1: VCC, Channel 2: Differential Bus
Voltage
The output state of the part during this voltage range is independent of the EN and EN pins.
In order to insure that data is not corrupted during a live insertion event or the power cycling of an individual
node on a multipoint bus it is important to isolate the outputs of the device from the bus until the VCC has
reached at least 2.0 VDC. At this voltage level the device output state accurately reflects the logic conditions as
defined in the Device Function Table.
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17