công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

6STF09PAM01B30X bảng dữ liệu(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

tên linh kiện 6STF09PAM01B30X
Giải thích chi tiết về linh kiện  D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CONEC [CONEC Elektronische Bauelemente GmbH]
Trang chủ  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

6STF09PAM01B30X bảng dữ liệu(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  6STF09PAM01B30X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 6STF09PAM01B30X Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
E
E
E
E
E
E
E
E
F
F
F
F
F
F
F
F
A
A
A
A
A
A
A
A
B
B
B
B
B
B
B
B
C
C
C
C
C
C
C
C
D
D
D
D
D
D
D
D
6STF09PoM01B30X
CONEC ABC
dim. in mm
R
R
R
R
date
drawn
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
15K1A815
A3
1/2
D-SUB FILTER MALE
see notes
Schmidt
25.03.11
25.03.11
Fischer
9pos. SOLDER CUP
with threaded insert and hexlocking screw
2:1 (5:1)
6STF09P M01B30X
a
Original
2 x b
Ä4887
16.08.2013 K.H.
16,84 -0,05
0,2
+
39,4 - 0
0,3
+
SEE NOTE 16
4-40 UNC
O-RING
RUBBER GASKET
PLACED ON TOP
SURFACE OF MALE
INSULATOR
SEALING
COMPOUND
SEE NOTE 6
4-40 UNC
0,65
n
(9x)
8,26 -0,03
0,22
+
( 5 : 1 )
NOTES:
1. RECOMMENDED SOLDER INSTRUCTION SEE SHEET 2
2. METALSHELLS: COPPER ALLOY; min. 315µin TIN over 40-80µin NICKEL
3. INSULATOR: HIGH TEMPERATURE PLASTC UL 94 V-0, BLACK
4. CONTACTS: COPPER ALLOY; PLATING (SEE PART NO.):
o PLEASE ADD A for GOLD FLASH over NICKEL (PREFERRED TYPE)
o PLEASE ADD B for 20µin HARD GOLD over min. 50µin NICKEL
o PLEASE ADD C for 30µin HARD GOLD over min. 50µin NICKEL
SOLDER CUP ACCEPTS CABLE AWG 26
5. THREADED INSERTS:
COPPER ALLOY; min 200µin TIN over 80µin NICKEL
6. FRAME: ZINC DIE CAST; NICKEL PLATED
7. HEXLOCKING SCREWS: STAINLESS STEEL
8. COLLARS: COPPER ALLOY; min 200µin TIN over 80µin NICKEL
9. O-RING: SILICONE; BLUE
10. RUBBER GASKET: TPE; BLACK
11. SEALING COMPOUND: PUR; BLUE
12. CAPACITANCE: 180pF`20%
13. DIELECTRIC WITHSTANDING VOLTAGE: 424 VDC
14. RECOMMENDED PANEL CUT-OUT ON SHEET 2
15. RECOMMENDED TORQUE FOR MOUNTING SCREW
35N cm (3.1 in.LB) / max. 40N cm (3,5 in. LB)
16. CONNECTOR IS PART MARKED: 6STF09PoM01B30X CONEC ABC (see note 4)
10°
Directive 2002/95/EC RoHS compliant
POS. 1
POS. 6
4,8
SW
AT ALL TIMES WATER RESISTANT
CONNECTORS NOT IN USE
SHOULD BE COVERED WITH A
CONEC WATER RESISTANT CAP
OR WATER TIGHT HOOD.
o
(see note 4)
b
b
25 - 0,13
0,12
+


Số phần tương tự - 6STF09PAM01B30X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CONEC Elektronische Bau...
6STF09PAM03B30X CONEC-6STF09PAM03B30X Datasheet
232Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
26.09.12
6STF09PAM03B30X CONEC-6STF09PAM03B30X Datasheet
232Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
26.09.12
6STF09PAM04B50X CONEC-6STF09PAM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STF09PAM04B50X CONEC-6STF09PAM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STF09PAM05B30X CONEC-6STF09PAM05B30X Datasheet
238Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
02.07.12
More results

Mô tả tương tự - 6STF09PAM01B30X

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
CONEC Elektronische Bau...
6STF09PBM04B50X CONEC-6STF09PBM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STF09PCM04B50X CONEC-6STF09PCM04B50X Datasheet
253Kb / 2P
D-SUB FILTER MALE 9pos. SOLDER CUP with threaded lock and hexlocking screw
03.07.13
6STF15PCM01B20X CONEC-6STF15PCM01B20X Datasheet
1Mb / 2P
D-SUB FILTER MALE 15pos. SOLDER CUP with threaded insert and hexlocking screw
16.07.13
6STD09PAM99B20X CONEC-6STD09PAM99B20X Datasheet
171Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
10.02.11
6STD09PAM99B30X CONEC-6STD09PAM99B30X Datasheet
244Kb / 2P
D-SUB MALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
02.08.12
6STD09PAM99B40X CONEC-6STD09PAM99B40X Datasheet
375Kb / 2P
D-SUB Male 9pos. Solder cup with threaded lock and hexlocking screw
19.03.10
6STD09PAM99B50X CONEC-6STD09PAM99B50X Datasheet
1Mb / 2P
D-SUB Male 9pos. Solder cup with threaded lock and hexlocking screw
13.02.2014
6STD09SAM99B20X CONEC-6STD09SAM99B20X Datasheet
201Kb / 2P
D-SUB FEMALE 9pos. SOLDER CUP with threaded insert and hexlocking screw
16.01.08
6STD09SAM99B30X CONEC-6STD09SAM99B30X Datasheet
417Kb / 2P
D-SUB Female 9pos. Solder cup with threaded insert and hexlocking screw
21.03.17
6STD09SBM99B30X CONEC-6STD09SBM99B30X Datasheet
417Kb / 2P
D-SUB Female 9pos. Solder cup with threaded insert and hexlocking screw
21.03.17
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com