công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP4864A bảng dữ liệu(PDF) 3 Page - MPS Industries, Inc.

tên linh kiện MP4864A
Giải thích chi tiết về linh kiện  64-Channel, High-Voltage, SPST Analog Switch with Output Bleed Resistors
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPSIND [MPS Industries, Inc.]
Trang chủ  http://www.mpsind.com/index.html
Logo MPSIND - MPS Industries, Inc.

MP4864A bảng dữ liệu(HTML) 3 Page - MPS Industries, Inc.

  MP4864A Datasheet HTML 1Page - MPS Industries, Inc. MP4864A Datasheet HTML 2Page - MPS Industries, Inc. MP4864A Datasheet HTML 3Page - MPS Industries, Inc. MP4864A Datasheet HTML 4Page - MPS Industries, Inc. MP4864A Datasheet HTML 5Page - MPS Industries, Inc. MP4864A Datasheet HTML 6Page - MPS Industries, Inc. MP4864A Datasheet HTML 7Page - MPS Industries, Inc. MP4864A Datasheet HTML 8Page - MPS Industries, Inc. MP4864A Datasheet HTML 9Page - MPS Industries, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
MP4864A
– 64-CHANNEL, HIGH-VOLTAGE, SPST ANALOG SWITCH
MP4864A Rev. 1.0
MonolithicPower.com
3
10/20/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
A1
GND
Device ground.
A2
SWIN3
Analog switch input 3. Connect SWIN3 to the high-voltage pulse/transmitter.
A3
SWOUT3
Analog switch output 3. Connect SWOUT3 to the piezoelectric transducer.
A4
SWIN5
Analog switch input 5. Connect SWIN5 to the high-voltage pulse/transmitter.
A5
SWOUT5
Analog switch output 5. Connect SWOUT5 to the piezoelectric transducer.
A6
SWIN6
Analog switch input 6. Connect SWIN6 to the high-voltage pulse/transmitter.
A7
SWOUT6
Analog switch output 6. Connect SWOUT6 to the piezoelectric transducer.
A8
SWIN8
Analog switch input 8. Connect SWIN8 to the high-voltage pulse/transmitter.
A9
SWOUT8
Analog switch output 8. Connect SWOUT8 to the piezoelectric transducer.
A10
SWIN9
Analog switch input 9. Connect SWIN9 to the high-voltage pulse/transmitter.
A11
SWOUT9
Analog switch output 9. Connect SWOUT9 to the piezoelectric transducer.
A12
SWIN11
Analog switch input 11. Connect SWIN11 to the high-voltage pulse/transmitter.
A13
SWOUT11 Analog switch output 11. Connect SWOUT11 to the piezoelectric transducer.
A14
GND
Device ground.
B1
SWOUT1
Analog switch output 1. Connect SWOUT1 to the piezoelectric transducer.
B2
SWIN4
Analog switch input 4. Connect SWIN4 to the high-voltage pulse/transmitter.
B3
SWOUT4
Analog switch output 4. Connect SWOUT4 to the piezoelectric transducer.
B4
SWIN35
Analog switch input 35. Connect SWIN35 to the high-voltage pulse/transmitter.
B5
SWOUT35 Analog switch output 35. Connect SWOUT35 to the piezoelectric transducer.
B6
SWIN7
Analog switch input 7. Connect SWIN7 to the high-voltage pulse/transmitter.
B7
SWOUT7
Analog switch output 7. Connect SWOUT7 to the piezoelectric transducer.
B8
SWIN40
Analog switch input 40. Connect SWIN40 to the high-voltage pulse/transmitter.
B9
SWOUT40 Analog switch output 40. Connect SWOUT40 to the piezoelectric transducer.
B10
SWIN10
Analog switch input 10. Connect SWIN10 to the high-voltage pulse/transmitter.
B11
SWOUT10 Analog switch output 10. Connect SWOUT10 to the piezoelectric transducer.
B12
SWIN43
Analog switch input 43. Connect SWIN43 to the high-voltage pulse/transmitter.
B13
SWOUT43 Analog switch output 43. Connect SWOUT43 to the piezoelectric transducer.
B14
SWIN12
Analog switch input 12. Connect SWIN12 to the high-voltage pulse/transmitter.
C1
SWIN1
Analog switch input 1. Connect SWIN1 to the high-voltage pulse/transmitter.
C2
SWOUT2
Analog switch output 2. Connect SWOUT2 to the piezoelectric transducer.
C13
SWIN14
Analog switch input 14. Connect SWIN14 to the high-voltage pulse/transmitter.
C14
SWOUT12 Analog switch output 12. Connect SWOUT12 to the piezoelectric transducer.
D1
SWOUT0
Analog switch output 0. Connect SWOUT0 to the piezoelectric transducer.
D2
SWIN2
Analog switch input 2. Connect SWIN2 to the high-voltage pulse/transmitter.
D4
SWIN36
Analog switch input 36. Connect SWIN36 to the high-voltage pulse/transmitter.
D5
SWOUT36 Analog switch output 36. Connect SWOUT36 to the piezoelectric transducer.
D6
SWIN38
Analog switch input 38. Connect SWIN38 to the high-voltage pulse/transmitter.
D7
SWOUT38 Analog switch output 38. Connect SWOUT38 to the piezoelectric transducer.
D8
SWIN41
Analog switch input 41. Connect SWIN41 to the high-voltage pulse/transmitter.
D9
SWOUT41 Analog switch output 41. Connect SWOUT41 to the piezoelectric transducer.
D10
SWIN45
Analog switch input 45. Connect SWIN45 to the high-voltage pulse/transmitter.
D11
SWIN44
Analog switch input 44. Connect SWIN44 to the high-voltage pulse/transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22