| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F260G1B6 bảng dữ liệu(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F260G1B6 bảng dữ liệu(HTML) 39 Page - STMicroelectronics |
|
39 / 172 page ![]() ST72260Gx, ST72262Gx, ST72264Gx 39/172 I/O PORTS (Cont’d) Figure 27. I/O Port General Block Diagram Table 7. I/O Port Mode Options Legend:NI - not implemented Off - implemented not activated On - implemented and activated Note: The diode to VDD is not implemented in the true open drain pads. A local protection between the pad and VOL is implemented to protect the de- vice against positive stress. Configuration Mode Pull-Up P-Buffer Diodes to VDD to VSS Input Floating with/without Interrupt Off Off On On Pull-up with/without Interrupt On Output Push-pull Off On Open Drain (logic level) Off True Open Drain NI NI NI (see note) DR DDR OR PAD VDD ALTERNATE ENABLE ALTERNATE OUTPUT 1 0 OR SEL DDR SEL DR SEL PULL-UP CONDITION P-BUFFER (see table below) N-BUFFER PULL-UP (see table below) 1 0 ANALOG INPUT If implemented ALTERNATE INPUT VDD DIODES (see table below) FROM OTHER BITS EXTERNAL REQUEST (eix) INTERRUPT SENSITIVITY SELECTION CMOS SCHMITT TRIGGER REGISTER ACCESS BIT From on-chip periphera l To on-chip peripheral Note: Refer to the Port Configuration table for device specific information. Combinational Logic |