| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
M41T94MH6 bảng dữ liệu(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41T94MH6 bảng dữ liệu(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Clock operations M41T94 28/40 4.13 Initial power-on defaults Upon initial application of power to the device, the following register bits are set to a '0' state: Watchdog register, TR, FT, AFE, ABE, and SQWE. The following bits are set to a '1' state: ST, OUT, and HT (see Table 9: Default values). Table 8. tREC definitions tREC bit (TR) STOP bit (ST) tREC time Units Min Max 00 96 98 ms 01 40 200(1) 1. Default Setting ms 1 X 50 2000 µs Table 9. Default values Condition TR ST HT Out FT AFE ABE SQWE WATCHDOG register(1) 1. BMB0-BMB4, RB0, RB1. Initial power-up (battery attach for SNAPHAT)(2) 2. State of other Control bits undefined. 01 1100 0 0 0 Subsequent power-up (with battery back-up)(3) 3. UC = Unchanged UC UC 1 UC 0 0 0 0 0 |