công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T94 bảng dữ liệu(PDF) 33 Page - STMicroelectronics

tên linh kiện M41T94
Giải thích chi tiết về linh kiện  Serial Real Time Clock with 44Bytes NVRAM and Reset
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94 bảng dữ liệu(HTML) 33 Page - STMicroelectronics

Back Button M41T94_06 Datasheet HTML 29Page - STMicroelectronics M41T94_06 Datasheet HTML 30Page - STMicroelectronics M41T94_06 Datasheet HTML 31Page - STMicroelectronics M41T94_06 Datasheet HTML 32Page - STMicroelectronics M41T94_06 Datasheet HTML 33Page - STMicroelectronics M41T94_06 Datasheet HTML 34Page - STMicroelectronics M41T94_06 Datasheet HTML 35Page - STMicroelectronics M41T94_06 Datasheet HTML 36Page - STMicroelectronics M41T94_06 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
M41T94
Package mechanical information
33/40
7
Package mechanical information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97.
The maximum ratings related to soldering conditions are also marked on the inner box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40