công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

X4062 bảng dữ liệu(PDF) 13 Page - Renesas Technology Corp

tên linh kiện X4062
Giải thích chi tiết về linh kiện  64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X4062 bảng dữ liệu(HTML) 13 Page - Renesas Technology Corp

Back Button X4062 Datasheet HTML 9Page - Renesas Technology Corp X4062 Datasheet HTML 10Page - Renesas Technology Corp X4062 Datasheet HTML 11Page - Renesas Technology Corp X4062 Datasheet HTML 12Page - Renesas Technology Corp X4062 Datasheet HTML 13Page - Renesas Technology Corp X4062 Datasheet HTML 14Page - Renesas Technology Corp X4062 Datasheet HTML 15Page - Renesas Technology Corp X4062 Datasheet HTML 16Page - Renesas Technology Corp X4062 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
X40626
FN8119 Rev 0.00
Page 13 of 22
March 28, 2005
Figure 14. Sequential Read Sequence
X40626 Addressing
Slave Address Byte
Following a start condition, the master must output a
Slave Address Byte. This byte consists of several parts:
– a device type identifier that is ‘1010’ to access the
array
– one bit of ‘0’.
– next two bits are the device address. (S1 and S0)
– one bit of the slave command byte is a R/W bit. The
R/W bit of the Slave Address Byte defines the opera-
tion to be performed. When the R/W bit is a one, then
a read operation is selected. A zero selects a write
operation. Refer to Figure 15.
– After loading the entire Slave Address Byte from the SDA
bus, the device compares the input slave byte data to the
proper slave byte. Upon a correct compare, the device
outputs an acknowledge on the SDA line.
Word Address
The word address is either supplied by the master or
obtained from an internal counter. The internal counter is
00H on a power-up condition.
The master must supply the two word address byte as
shown in Figure 15.
Data
(2)
S
t
o
p
Slave
Address
Data
(n)
A
C
K
A
C
K
SDA Bus
Signals from
the Slave
Signals from
the Master
1
Data
(n-1)
A
C
K
A
C
K
(n is any integer greater than 1)
Data
(1)
S1 S0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com