| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BC548CZL1 bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
BC548CZL1 bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
|
5 / 6 page ![]() BC546B, BC547A, B, C, BC548B, C http://onsemi.com 5 DEVICE ORDERING INFORMATION Device Package Shipping† BC546B TO−92 5000 Units / Bulk BC546BG TO−92 (Pb−Free) 5000 Units / Bulk BC546BRL1 TO−92 2000 / Tape & Reel BC546BRL1G TO−92 (Pb−Free) 2000 / Tape & Reel BC546BZL1 TO−92 2000 / Ammo Box BC546BZL1G TO−92 (Pb−Free) 2000 / Ammo Box BC547ARL TO−92 2000 / Tape & Reel BC547ARLG TO−92 (Pb−Free) 2000 / Tape & Reel BC547ARL1 TO−92 2000 / Tape & Reel BC547ARL1G TO−92 (Pb−Free) 2000 / Tape & Reel BC547AZL1 TO−92 2000 / Ammo Box BC547AZL1G TO−92 (Pb−Free) 2000 / Ammo Box BC547B TO−92 5000 Units / Bulk BC547BG TO−92 (Pb−Free) 5000 Units / Bulk BC547BRL1 TO−92 2000 / Tape & Reel BC547BRL1G TO−92 (Pb−Free) 2000 / Tape & Reel BC547BZL1 TO−92 2000 / Ammo Box BC547BZL1G TO−92 (Pb−Free) 2000 / Ammo Box BC547C TO−92 5000 Units / Bulk BC547CG TO−92 (Pb−Free) 5000 Units / Bulk BC547CZL1 TO−92 2000 / Ammo Box BC547CZL1G TO−92 (Pb−Free) 2000 / Ammo Box BC548B TO−92 5000 Units / Bulk BC548BG TO−92 (Pb−Free) 5000 Units / Bulk BC548BRL1 TO−92 2000 / Tape & Reel BC548BRL1G TO−92 (Pb−Free) 2000 / Tape & Reel BC548BZL1 TO−92 2000 / Ammo Box BC548BZL1G TO−92 (Pb−Free) 2000 / Ammo Box BC548C TO−92 5000 Units / Bulk BC548CG TO−92 (Pb−Free) 5000 Units / Bulk BC548CZL1 TO−92 2000 / Ammo Box BC548CZL1G TO−92 (Pb−Free) 2000 / Ammo Box †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |