| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DFE252012C bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DFE252012C bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 63 page ![]() 9.4.4 Current Limit Operation The TPS6128xD/E device features a valley inductor current limit scheme. In dc/dc boost mode, the TPS6128xD/E device employs a current limit detection scheme in which the voltage drop across the synchronous rectifier is sensed during the off-time. In the TPS61280D the current limit threshold can be set via an I2C register. TPS6128xD/E devices have a fixed current limit threshold. See Section 6 for detailed information. The output voltage is reduced as the power stage of the device operates in a constant current mode. The maximum continuous output current (IOUT(MAX)), before entering current limit (CL) operation, can be defined by Equation 6. h ´ ´ = O U T I N ) O U T ( M A X _ D C V V I L I M I T I (6) where • η is the efficiency • The inductor peak-to-peak current ripple (ΔIL) is calculated by Equation 7 f D ´ = D L V I IN L (7) The output current, IOUT(DC), is the average of the rectifier ripple current waveform. When the load current is increased such that the trough is above the current limit threshold, the off-time is increased to allow the current to decrease to this threshold before the next on-time begins (so called frequency fold-back mechanism). When the current limit is reached the output voltage decreases during further load increase. Figure 9-5 illustrates the inductor and rectifier current waveforms during current limit operation. f D L V ΔI IN L × = IVALLEY IL f IPEAK Rectifier Current IOUT(DC) Inductor Current Increased Load Current IIN(DC) IIN(DC) Current Limit Threshold IOUT DIL DIL Figure 9-5. Inductor/Rectifier Currents in Current Limit Operation (DC/DC Boost Mode) During pass-through mode, the TPS6128xD/E device is short-circuit protected by a very fast current limit detection scheme. If the current in the bypass FET exceeds approximately 7.5Amps a fault is declared and the device cycles through a start-up procedure. www.ti.com TPS61280D, TPS61281D, TPS61282D,, TPS61280E SLVSEA0B – JANUARY 2018 – REVISED JUNE 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 21 Product Folder Links: TPS61280D TPS61281D TPS61282D, TPS61280E |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |