công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M25P16-VMF6G bảng dữ liệu(PDF) 13 Page - STMicroelectronics

tên linh kiện M25P16-VMF6G
Giải thích chi tiết về linh kiện  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6G bảng dữ liệu(HTML) 13 Page - STMicroelectronics

Back Button M25P16-VMF6G Datasheet HTML 9Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 10Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 11Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 12Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 13Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 14Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 15Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 16Page - STMicroelectronics M25P16-VMF6G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 55 page
background image
M25P16
Operating features
13/55
4.5
Status Register
The Status Register contains a number of status and control bits that can be read or set (as
appropriate) by specific instructions. See Section 6.4: Read Status Register (RDSR) for a
detailed description of the Status Register bits.
4.6
Protection modes
The environments where non-volatile memory devices are used can be very noisy. No SPI
device can operate correctly in the presence of excessive noise. To help combat this, the
M25P16 features the following data protection mechanisms:
●
Power On Reset and an internal timer (tPUW) can provide protection against inadvertent
changes while the power supply is outside the operating specification.
●
Program, Erase and Write Status Register instructions are checked that they consist of
a number of clock pulses that is a multiple of eight, before they are accepted for
execution.
●
All instructions that modify data must be preceded by a Write Enable (WREN)
instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state
by the following events:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Write Status Register (WRSR) instruction completion
–
Page Program (PP) instruction completion
–
Sector Erase (SE) instruction completion
–
Bulk Erase (BE) instruction completion
●
The Block Protect (BP2, BP1, BP0) bits allow part of the memory to be configured as
read-only. This is the Software Protected Mode (SPM).
●
The Write Protect (W) signal allows the Block Protect (BP2, BP1, BP0) bits and Status
Register Write Disable (SRWD) bit to be protected. This is the Hardware Protected
Mode (HPM).
●
In addition to the low power consumption feature, the Deep Power-down mode offers
extra software protection, as all Write, Program and Erase instructions are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com