| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74FST3125DR2 bảng dữ liệu(PDF) 3 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3125DR2 bảng dữ liệu(HTML) 3 Page - ON Semiconductor |
|
3 / 7 page ![]() 74FST3125 http://onsemi.com 3 MAXIMUM RATINGS Symbol Parameter Value Unit VCC DC Supply Voltage *0.5 to )7.0 V VI DC Input Voltage *0.5 to )7.0 V VO DC Output Voltage *0.5 to )7.0 V IIK DC Input Diode Current VI t GND *50 mA IOK DC Output Diode Current VO t GND *50 mA IO DC Output Sink Current 128 mA ICC DC Supply Current per Supply Pin $100 mA IGND DC Ground Current per Ground Pin $100 mA TSTG Storage Temperature Range *65 to )150 _C TL Lead Temperature, 1 mm from Case for 10 Seconds 260 _C TJ Junction Temperature Under Bias )150 _C qJA Thermal Resistance (Note 1) SOIC TSSOP QSOP 125 170 200 _C/W MSL Moisture Sensitivity Level 1 FR Flammability Rating Oxygen Index: 28 to 34 UL 94 V−0 @ 0.125 in VESD ESD Withstand Voltage Human Body Model (Note 2) Machine Model (Note 3) u2000 u200 V ILatchup Latchup Performance Above VCC and Below GND at 85_C (Note 4) $500 mA Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow. 2. Tested to EIA/JESD22−A114−A. 3. Tested to EIA/JESD22−A115−A. 4. Tested to EIA/JESD78. RECOMMENDED OPERATING CONDITIONS Symbol Parameter Min Max Unit VCC Supply Voltage Operating, Data Retention Only 4.0 5.5 V VI Input Voltage (Note ) 0 5.5 V VO Output Voltage (HIGH or LOW State) 0 VCC V TA Operating Free−Air Temperature *40 )85 _C Dt/DV Input Transition Rise or Fall Rate Switch Control Input Switch I/O 0 0 5 DC ns/V 5. Unused control inputs may not be left open. All control inputs must be tied to a high− or low−logic input voltage level. |