công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M25P16-VMF6P bảng dữ liệu(PDF) 52 Page - STMicroelectronics

tên linh kiện M25P16-VMF6P
Giải thích chi tiết về linh kiện  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMF6P bảng dữ liệu(HTML) 52 Page - STMicroelectronics

Back Button M25P16-VMF6P Datasheet HTML 47Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 48Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 49Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 50Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 51Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 52Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 53Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 54Page - STMicroelectronics M25P16-VMF6P Datasheet HTML 55Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
Part numbering
M25P16
52/55
12
Part numbering
Note:
For a list of available options (speed, package, etc.), for further information on any aspect of
this device or when ordering parts operating at 50MHz (0.11µm, process digit “4”), please
contact your nearest ST Sales Office.
The category of second Level Interconnect is marked on the package and on the inner box
label, in compliance with JEDEC Standard JESD97. The maximum ratings related to
soldering conditions are also marked on the inner box label.
Table 23.
Ordering information scheme
Example:
M25P16
–
V ME 6
T P
Device Type
M25P = Serial Flash Memory for Code Storage
Device Function
16 = 16 Mbit (2 Mb × 8)
Operating Voltage
V = VCC = 2.7 V to 3.6 V
Package
MP = VFQFPN8 6 × 5 mm (MLP8)
ME = VDFPN8 8 × 6 mm (MLP8)(1)
1.
Not for New Design, please use VFQFPN8 6 × 5 mm.
MF = SO16 (300 mils width)
MN = SO8N (150 mils width)
MW = SO8W (208 mils width)
Device Grade
6 = Industrial temperature range, –40 to 85 °C.
Device tested with standard test flow
3(2) = Automotive temperature range, –40 to 125 °C.
Device tested with High Reliability Certified Flow.
2.
Grade 3 is available only in devices delivered in SO8N packages.
Option
blank = Standard Packing
T = Tape and Reel Packing
Plating Technology
P or G = ECOPACK® (RoHS compliant)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com