công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM337 bảng dữ liệu(PDF) 2 Page - ON Semiconductor

tên linh kiện LM337
Giải thích chi tiết về linh kiện  1.5 A, Adjustable Output, Negative Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM337 bảng dữ liệu(HTML) 2 Page - ON Semiconductor

  LM337 Datasheet HTML 1Page - ON Semiconductor LM337 Datasheet HTML 2Page - ON Semiconductor LM337 Datasheet HTML 3Page - ON Semiconductor LM337 Datasheet HTML 4Page - ON Semiconductor LM337 Datasheet HTML 5Page - ON Semiconductor LM337 Datasheet HTML 6Page - ON Semiconductor LM337 Datasheet HTML 7Page - ON Semiconductor LM337 Datasheet HTML 8Page - ON Semiconductor LM337 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM337
http://onsemi.com
2
MAXIMUM RATINGS (TA = +25°C, unless otherwise noted)
Rating
Symbol
Value
Unit
Input−Output Voltage Differential
VI−VO
40
Vdc
Power Dissipation
Case 221A
TA = +25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
Case 936 (D2PAK)
TA = +25°C
Thermal Resistance, Junction−to−Ambient
Thermal Resistance, Junction−to−Case
PD
qJA
qJC
PD
qJA
qJC
Internally Limited
65
5.0
Internally Limited
70
5.0
W
°C/W
°C/W
W
°C/W
°C/W
Operating Junction Temperature Range
TJ
− 40 to +125
°C
Storage Temperature Range
Tstg
− 65 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
ELECTRICAL CHARACTERISTICS (|VI−VO| = 5.0 V; IO = 0.5 A for T package; TJ = Tlow to Thigh [Note 1]; Imax and Pmax [Note 2].)
Characteristics
Figure
Symbol
Min
Typ
Max
Unit
Line Regulation (Note 3), TA = +25°C, 3.0 V ≤ |VI−VO| ≤ 40 V
1
Regline
−
0.01
0.04
%/V
Load Regulation (Note 3), TA = +25°C, 10 mA ≤ IO ≤ Imax
|VO| ≤ 5.0 V
|VO| ≥ 5.0 V
2
Regload
−
−
15
0.3
50
1.0
mV
% VO
Thermal Regulation, TA = +25°C (Note 5), 10 ms Pulse
Regtherm
−
0.003
0.04
% VO/W
Adjustment Pin Current
3
IAdj
−
65
100
mA
Adjustment Pin Current Change, 2.5 V
≤ |VI−VO| ≤ 40 V,
10 mA
≤ IL ≤ Imax, PD ≤ Pmax, TA = +25°C
1, 2
DIAdj
−
2.0
5.0
mA
Reference Voltage, TA = +25°C, 3.0 V ≤ |VI−VO| ≤ 40 V,
10 mA
≤ IO ≤ Imax, PD ≤ Pmax, TJ = Tlow to Thigh
3
Vref
−1.21
3
−1.20
−1.25
0
−1.25
−1.28
7
−1.30
V
Line Regulation (Note 3), 3.0 V
≤ |VI−VO| ≤ 40 V
1
Regline
−
0.02
0.07
%/V
Load Regulation (Note 3), 10 mA
≤ IO ≤ Imax
|VO| ≤ 5.0 V
|VO| ≥ 5.0 V
2
Regload
−
−
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
3
TS
−
0.6
−
% VO
Minimum Load Current to Maintain Regulation
(|VI−VO| ≤ 10 V)
(|VI−VO| ≤ 40 V)
3
ILmin
−
−
1.5
2.5
6.0
10
mA
Maximum Output Current
|VI−VO| ≤ 15 V, PD ≤ Pmax, T Package
|VI−VO| ≤ 40 V, PD ≤ Pmax, TJ = +25°C, T Package
3
Imax
−
−
1.5
0.15
2.2
0.4
A
RMS Noise, % of VO, TA = +25°C, 10 Hz ≤ f ≤ 10 kHz
N
−
0.003
−
% VO
Ripple Rejection, VO = −10 V, f = 120 Hz (Note 4)
Without CAdj
CAdj = 10 mF
4
RR
−
66
60
77
−
−
dB
Long−Term Stability, TJ = Thigh (Note 6), TA = +25°C for
Endpoint Measurements
3
S
−
0.3
1.0
%/1.0 k
Hrs.
Thermal Resistance, Junction−to−Case, T Package
RqJC
−
4.0
−
°C/W
1. Tlow to Thigh = 0° to +125°C, for LM337T, D2T.
Tlow to Thigh = − 40° to +125°C, for LM337BT, BD2T.
2. Imax = 1.5 A, Pmax = 20 W
3. Load and line regulation are specified at constant junction temperature. Change in VO because of heating effects is covered under the
Thermal Regulation specification. Pulse testing with a low duty cycle is used.
4. CAdj, when used, is connected between the adjustment pin and ground.
5. Power dissipation within an IC voltage regulator produces a temperature gradient on the die, affecting individual IC components on the die.
These effects can be minimized by proper integrated circuit design and layout techniques. Thermal Regulation is the effect of these
temperature gradients on the output voltage and is expressed in percentage of output change per watt of power change in a specified time.
6. Since Long Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot to lot.



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com