| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SP3081E bảng dữ liệu(PDF) 22 Page - Sipex Corporation |
|
|
|||||||||||||||||||||||||||||
SP3081E bảng dữ liệu(HTML) 22 Page - Sipex Corporation |
|
22 / 25 page ![]() Rev M 2/22/2007 SP3080E-3088E Advanced RS485 Transceivers © Copyright 2007 Sipex Corporation 22 DESCRIPTION Termination prevents reflections by eliminating the impedance mismatches on a transmission line. Line termination is typically used if rise and fall times are shorter than the round-trip signal propagation time. Slew-limited drivers may reduce or eliminate the need for cable ter- mination in many applications. H alf -D uplex N etw ork Bi-Directional Full-Duplex Network Repeater (optional) Repeater (optional) Point to Multi -point with Repeater TYPICAL APPLICATIONS: Half-Duplex Network Bi-Directional Full-Duplex Network Point to Multi-Point Repeater Repeater (optional) |