công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T63 bảng dữ liệu(PDF) 16 Page - STMicroelectronics

tên linh kiện M41T63
Giải thích chi tiết về linh kiện  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 bảng dữ liệu(HTML) 16 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 12Page - STMicroelectronics M41T63 Datasheet HTML 13Page - STMicroelectronics M41T63 Datasheet HTML 14Page - STMicroelectronics M41T63 Datasheet HTML 15Page - STMicroelectronics M41T63 Datasheet HTML 16Page - STMicroelectronics M41T63 Datasheet HTML 17Page - STMicroelectronics M41T63 Datasheet HTML 18Page - STMicroelectronics M41T63 Datasheet HTML 19Page - STMicroelectronics M41T63 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Operation
M41T62/63/64/65
16/40
2.3
WRITE mode
In this mode the master transmitter transmits to the M41T6x slave receiver. Bus protocol is shown in
Figure 19 on page 16. Following the START condition and slave address, a logic '0' (R/W=0) is placed on
the bus and indicates to the addressed device that word address “An” will follow and is to be written to the
on-chip address pointer. The data word to be written to the memory is strobed in next and the internal
address pointer is incremented to the next address location on the reception of an acknowledge clock.
The M41T6x slave receiver will send an acknowledge clock to the master transmitter after it has received
the slave address see Figure 16 on page 15 and again after it has received the word address and each
data byte.
Figure 19.
WRITE mode sequence
AI00591
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40