công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M41T62 bảng dữ liệu(PDF) 35 Page - STMicroelectronics

tên linh kiện M41T62
Giải thích chi tiết về linh kiện  Serial Access Real-Time Clock with Alarms
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T62 bảng dữ liệu(HTML) 35 Page - STMicroelectronics

Back Button M41T62_06 Datasheet HTML 31Page - STMicroelectronics M41T62_06 Datasheet HTML 32Page - STMicroelectronics M41T62_06 Datasheet HTML 33Page - STMicroelectronics M41T62_06 Datasheet HTML 34Page - STMicroelectronics M41T62_06 Datasheet HTML 35Page - STMicroelectronics M41T62_06 Datasheet HTML 36Page - STMicroelectronics M41T62_06 Datasheet HTML 37Page - STMicroelectronics M41T62_06 Datasheet HTML 38Page - STMicroelectronics M41T62_06 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
M41T62/63/64/65
Package mechanical information
35/40
6
Package mechanical information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 26.
QFN16 – 16-lead, Quad, Flat Package, no Lead, 3x3mm body size, outline
1.
Drawing is not to scale.
A3
A
A1
e
K
K
b
Ch
D2
E2
L
E
D
1
2
ddd
3
QFN16-A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40