công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP2716 bảng dữ liệu(PDF) 40 Page - Injoinic Technology Co.,Ltd.

tên linh kiện IP2716
Giải thích chi tiết về linh kiện  Support wireless charging TX/RX 、SCP、VOOC、Bi-directional PD3.0 and Fast Charge protocol Power Bank SOC
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INJOINIC [Injoinic Technology Co.,Ltd.]
Trang chủ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2716 bảng dữ liệu(HTML) 40 Page - Injoinic Technology Co.,Ltd.

Back Button IP2716 Datasheet HTML 34Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 35Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 36Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 37Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 38Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 39Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 40Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 41Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 42Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
IP5568
V1.31
Email: service@injoinic.com
40 / 42
Copyright © 2019, Injoinic Corp.
9. Package
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
-
0.02
0.05
b
0.15
0.20
0.25
c
0.18
0.20
0.25
D
7.90
8.0
8.10
D2
6.10
6.20
6.30
e
0.4 BSC
Nd
6.00BSC
E
7.90
8.0
8.10
E2
6.10
6.20
6.30
Ne
6.00BSC
6.00BSC
6.00BSC
L
0.45
0.50
0.55
K
0.20
-
-
h
0.30
0.35
0.40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42