| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IP2705 bảng dữ liệu(PDF) 2 Page - Injoinic Technology Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
IP2705 bảng dữ liệu(HTML) 2 Page - Injoinic Technology Co.,Ltd. |
|
2 / 42 page ![]() IP5568 V1.31 Email: service@injoinic.com 2 / 42 Copyright © 2019, Injoinic Corp. current. IP5568 integrates a 14bit ADC, which can accurately measure battery voltage and current. The algorithm of remaining battery capacity of IP5568 can accurately obtain battery level information. The battery level curve can be customized to accurately display the remaining battery capacity. IP5568 supports 1 / 2 / 4 LED battery level indicator, and 88/188 digital tube battery level indicator. IP5568 supports lighting function and supports buttons. Applications Power bank with wireless charging |