| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STR730FZ1H7 bảng dữ liệu(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STR730FZ1H7 bảng dữ liệu(HTML) 17 Page - STMicroelectronics |
|
17 / 53 page ![]() STR73xF Block Diagram 17/53 64 L8 46 VBIAS S Internal RC Oscillator bias. A 1.3M Ω external resistor has to be connected to this pin when a 32kHZ RC oscillator frequency is used. 65 M10 47 VSS S Ground 66 M11 48 VDD S Supply voltage (5V) 67 K8 P3.0/AIN0 I/O TT 2mA X X Port 3.0 ADC: Analog input 0 68 J8 P3.1/AIN1 I/O TT 2mA X X Port 3.1 ADC: Analog input 1 69 M9 P3.2/AIN2 I/O TT 2mA X X Port 3.2 ADC: Analog input 2 70 L9 P3.3/AIN3 I/O TT 2mA X X Port 3.3 ADC: Analog input 3 71 K9 49 P3.4/AIN4 I/O TT 2mA X X Port 3.4 ADC: Analog input 4 (AIN0 in TQFP100) 72 L10 50 P3.5/AIN5 I/O TT 2mA X X Port 3.5 ADC: Analog input 5 (AIN1 in TQFP100) 73 M12 51 P3.6/AIN6 I/O TT 2mA X X Port 3.6 ADC: Analog input 6 (AIN2 in TQFP100) 74 L11 52 P3.7/AIN7 I/O TT 2mA X X Port 3.7 ADC: Analog input 7 (AIN3 in TQFP100) 75 K11 53 VSSA S Reference ground for A/D converter 76 K10 54 VDDA S Reference voltage for A/D converter 77 J12 55 P3.8/AIN8 I/O TT 2mA X X Port 3.8 ADC: Analog input 8 (AIN4 in TQFP100) 78 J11 56 P3.9/AIN9 I/O TT 2mA X X Port 3.9 ADC: Analog input 9 (AIN5 in TQFP100) 79 L12 57 P3.10/AIN10 I/O TT 2mA X X Port 3.10 ADC: Analog input 10 (AIN6 in TQFP100) 80 K12 58 P3.11/AIN11 I/O TT 2mA X X Port 3.11 ADC: Analog input 11 (AIN7 in TQFP100) 81 J10 59 P3.12/AIN12 I/O TT INT2 2mA X X Port 3.12 ADC: Analog input 12 (AIN8 in TQFP100) 82 J9 60 P3.13/AIN13 I/O TT INT3 2mA X X Port 3.13 ADC: Analog input 13 (AIN9 in TQFP100) 83 H12 61 P3.14/AIN14 I/O TT INT4 2mA X X Port 3.14 ADC: Analog input 14 (AIN10 in TQFP100) 84 H11 62 P3.15/AIN15 I/O TT INT5 2mA X X Port 3.15 ADC: Analog input 15 (AIN11 in TQFP100) 85 H10 63 VDD S Supply voltage (5V) Table 3. STR73xF pin description Pin n° Pin Name Input Output Main functio n (after reset) Alternate function |